Part Number Hot Search : 
BC847 MPX530 A1182LLH AD5735 U3102A M5231 TC123 TECHNO
Product Description
Full Text Search
 

To Download 4608H-2-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 oH VE S CO AV R M AI SIO PL LA N IA BL S NT E
Features

Lead free version available (see How to Order "Termination" option) RoHS compliant (lead free version)* High profile offers increased power handling Wide assortment of pin packages enhances design flexibility

Ammo-pak packaging available Recommended for rosin flux and solvent clean or no clean flux processes Marking on contrasting background for permanent identification
*R
4600H Series - Thick Film Conformal SIPs
Product Characteristics Resistance Range ......................10 ohms to 10 megohms Maximum Operating Voltage..........100 V Temperature Coefficient of Resistance 50 to 2.2 M................100 ppm/C below 50 ......................250 ppm/C above 2.2 M..................250 ppm/C TCR Tracking .........................50 ppm/C maximum; equal values Resistor Tolerance ................See circuits Insulation Resistance ..................10,000 megohms minimum Dielectric Withstanding Voltage .............................................200 VRMS Operating Temperature .................................-55 C to +125 C Environmental Characteristics TESTS PER MIL-STD-202........ R MAX. Short Time Overload..................0.25 % Load Life ....................................1.00 % Moisture Resistance ..................0.50 % Resistance to Soldering Heat ....0.25 % Terminal Strength.......................0.25 % Thermal Shock...........................0.25 % Physical Characteristics Flammability .........Conforms to UL94V-0 Body Material........................Epoxy resin Standard Packaging ....................Bulk, Ammo-pak available How To Order Package Power Temp. Derating Curve Product Dimensions
A MAXIMUM 8.89 MAX. (.350)
3.50 3.00 2.50 2.00 1.50 4606H 1.00 .50 4604H
4614H 4612H 4610H 4608H
PIN #1 REF. MAX. 1.24 BOTH ENDS (.049) .508 .050 TYP. (.020 .002) 2.54 .07 (.100 .003*) TYP. NON-ACCUM.
WATTS
3.43 +.38/ -.508 (.135 +.015/ -.020)
2.49 MAX. (.098)
0 25 70 125 AMBIENT TEMPERATURE ( C )
.254 .050 TYP. (.010 .002)
Pin Count 4 5 6 7 8 9 10 11 12 13 14
A Maximum mm (Inches) 10.11 (.398) 12.65 (.498) 15.19 (.598) 17.73 (.698) 20.27 (.798) 22.81 (.898) 25.35 (.998) 27.89 (1.098) 30.43 (1.198) 32.97 (1.298) 35.51 (1.398)
Package Power Ratings (Watts)
Ambient Temperature 70 C Pkg. 0.80 1.00 1.20 1.40 1.60 1.80 4610H 4611H 4612H 4613H 4614H Ambient Temperature 70 C 2.00 2.20 2.40 2.60 2.80
Maximum package length is equal to 2.54mm (.100") times the number of pins, less .005mm (.002"). Governing dimensions are in metric. Dimensions in parentheses are inches and are approximate. *Terminal centerline to centerline measurements made at point of emergence of the lead from the body.
Pkg. 4604H 4605H 4606H 4607H 4608H 4609H
For Standard Values Used in Capacitors, Inductors, and Resistors, click here.
46 06 H - 101 - 222 __ __
Model (46 = Conformal SIP) Number of Pins Physical Configuration (H = Thick Film High Profile) Electrical Configuration * 101 = Bussed * 102 = Isolated * 104 = Dual Terminator * AP1 = Bussed Ammo** * AP2 = Isolated Ammo** * AP4 = Dual Ammo** Resistance Code * First 2 digits are significant * Third digit represents the number of zeros to follow. Resistance Tolerance * Blank = 2 % (see "Resistance Tolerance" on next page for resistance range) * F = 1 % (100 ohms - 5 megohms) Terminations * All electrical configurations EXCEPT 104 & AP4: LF = Sn/Ag/Cu-plated (lead free) * ONLY electrical configurations 104 & AP4: L = Sn/Ag/Cu-plated (lead free) * Blank = Tin/Lead-plated Consult factory for other available options. **Available for packages with 10 pins or less.
Typical Part Marking
Represents total content. Layout may vary.
Part Number 4606H-101-RC 4608H-102-RC 4610H-104-RC/RC
Part Number 6H-1-RC 8H-2-RC 10H-4-RC/RC
RC = ohmic value, 3-digit resistance code.
NUMBER OF PINS
CIRCUIT
6H-2-222 YYWW
PIN ONE INDICATOR
RESISTANCE CODE DATE CODE
MANUFACTURER'S TRADEMARK
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
For information on specific applications, download Bourns' application notes: DRAM Applications Dual Terminator Resistor Networks R/2R Ladder Networks SCSI Applications
4600H Series - Thick Film Conformal SIPs
Isolated Resistors (102 Circuit) Model 4600H-102 4, 6, 8, 10, 12 or 14 Pin Bussed Resistors (101 Circuit) Model 4600H-101-RC 4 through 14 Pin Dual Terminator (104 Circuit) Model 4600H-104-R1/R2 4 through 14 Pin
R2 1 4 6 12 14 1 14 R1 R1 R1 R1 R1 R1 R2 R2 R2 R2 R2
...
1
8
These models incorporate 2 to 7 isolated thick-film resistors of equal value, each connected between two pins. Resistance Tolerance 10 ohms to 49 ohms ...................1 ohm 50 ohms to 5 megohms.................2 %* Above 5 megohms..........................5 % Power Rating per Resistor At 70 C ...................................0.50 watt
These models incorporate 3 to 13 thick-film resistors of equal value, each connected between a common bus (pin 1) and a separate pin. Resistance Tolerance 10 ohms to 49 ohms ...................1 ohm 50 ohms to 5 megohms ................2 %* Above 5 megohms .........................5 % Power Rating per Resistor At 70 C ...................................0.30 watt Power Temperature Derating Curve
.70
The 4608H-104 (shown above) is an 8pin configuration and terminates 6 lines. Pins 1 and 8 are common for ground and power, respectively. Twelve thick-film resistors are paired in series between the common lines (pins 1 and 8). Resistance Tolerance Below 100 ohms .......................2 ohms 100 ohms to 5 megohms ..............2 %* Above 5 megohms .........................5 % Power Rating per Resistor At 70 C ...................................0.30 watt Power Temperature Derating Curve
.70
Power Temperature Derating Curve
.70
.60 .50 .40
.60 .50 .40
.60 .50 .40
WATTS
WATTS
.30 .20 .10
.30
WATTS
25 70 125 AMBIENT TEMPERATURE ( C )
.20 .10
.30 .20 .10
0
25 70 125 AMBIENT TEMPERATURE ( C )
0
0
25 70 125 AMBIENT TEMPERATURE ( C )
Popular Resistance Values (101, 102 Circuits)** Popular Resistance Values (104 Circuit)**
Ohms 10 22 27 33 39 47 56 68 82 100 120 150 Code 100 220 270 330 390 470 560 680 820 101 121 151 Ohms 180 220 270 330 390 470 560 680 820 1,000 1,200 1,500 Code 181 221 271 331 391 471 561 681 821 102 122 152 Ohms 1,800 2,000 2,200 2,700 3,300 3,900 4,700 5,600 6,800 8,200 10,000 12,000 Code 182 202 222 272 332 392 472 562 682 822 103 123 Ohms 15,000 18,000 20,000 22,000 27,000 33,000 39,000 47,000 56,000 68,000 82,000 100,000 Code 153 183 203 223 273 333 393 473 563 683 823 104 Ohms 120,000 150,000 180,000 220,000 270,000 330,000 390,000 470,000 560,000 680,000 820,000 1,000,000 Code 124 154 184 224 274 334 394 474 564 684 824 105 Resistance (Ohms) R1 160 180 220 220 330 330 3,000 R2 240 390 270 330 390 470 6,200 R1 161 181 221 221 331 331 302 Code R2 241 391 271 331 391 471 622
* 1 % TOLERANCE IS AVAILABLE BY ADDING SUFFIX CODE "F" AFTER THE RESISTANCE CODE. **NON-STANDARD VALUES AVAILABLE, WITHIN RESISTANCE RANGE. REV. 06/06 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of 4608H-2-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X